PART |
Description |
Maker |
XC6372F XC6372 XC6372A XC6372B XC6372C XC6372D XC6 |
LINEAR HALL EFFECT SENSOR, DFN-6; Temp, op. min:-20(degree C); Temp, op. max:85(degree C); Pins, No. of:6; Case style:DFN; Base number:1395; Termination Type:SMD; Temperature, operating range:-20(degree C) to (degree C) RoHS Compliant: Yes XC6372
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
FGPANEL02 |
2.4 GHz Panel antenna
|
List of Unclassifed Manufac...
|
FGPANEL03 |
2400-2500MHz Panel antenna
|
List of Unclassifed Manufac...
|
192030379 |
Krimptite Quick Disconnect, Female Steel 900 Degree F/383 Degree C, 10-12 AWGTab 6.35mm (.250)
|
Molex Electronics Ltd.
|
804018K-2/595 804018K-2/596 802018K-3/595 804018KU |
20800 MHz - 23700 MHz PARABOLIC ANTENNA, 25 dBi GAIN 23700 MHz - 26500 MHz PARABOLIC ANTENNA, 25 dBi GAIN 14250 MHz - 16150 MHz PARABOLIC ANTENNA, 25 dBi GAIN 53000 MHz - 60000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 47000 MHz - 53000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 31000 MHz - 35500 MHz PARABOLIC ANTENNA, 25 dBi GAIN 40000 MHz - 47000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 75000 MHz - 87000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 26500 MHz - 31000 MHz PARABOLIC ANTENNA, 25 dBi GAIN
|
Bourns, Inc. Skyworks Solutions, Inc. TE Connectivity, Ltd. SKYWORKS SOLUTIONS INC
|
HYB-5314-03-TNC-79 HYB-5315-03-TNC-79 HYB-5313-03- |
4000 MHz - 8000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX 7000 MHz - 12400 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.5 dB INSERTION LOSS-MAX 2600 MHz - 5200 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX 12400 MHz - 18000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.6 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.2 dB INSERTION LOSS-MAX
|
SIEMENS AG ITT Interconnect Solutions Infineon Technologies AG
|
RF-3080-AT001 |
ANTENNA, PORTABLE UHF SATCOM ANTENNA
|
Harris Corporation
|
262-130122-A-R 221-130122-A-R 223-122810-A-R 265-2 |
ROTARY SWITCH-12POSITIONS, DP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 5P11T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-6POSITIONS, 5P6T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 5P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 4P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 6P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, DP8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, 3P12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-10POSITIONS, 3P10T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 3P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 7P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-15POSITIONS, DP15T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 7P11T, LATCHED, 5A, 28VDC, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
RF3375 RF337XPCBA-41X |
CAPACITOR, 100UF 16VCAPACITOR, 100UF 16V; Capacitance:100uF; Voltage rating, DC:16V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, GENERAL PURPOSE AMPLIFIER
|
RF Micro Devices, Inc.
|
MDU28C MDU28C-20MD1 MDU28C-20MD4 MDU28C-20A1 MDU28 |
ACTIVE DELAY LINE, TRUE OUTPUT, DSO14 ACTIVE DELAY LINE, TRUE OUTPUT, DFP14 ACTIVE DELAY LINE, TRUE OUTPUT, DSO8 DUAL, HCMOS-INTERFACED FIXED DELAY LINE 双,HCMOS界面的固定延迟线 CRYSTAL, SM, CX-49G, 20MHZ; Frequency, output:20000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:2200pF; Capacitance Tolerance: /- 5%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No CRYSTAL, SM, CX-49G, 10MHZ; Frequency, output:10000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes MICA RoHS Compliant: No CRYSTAL, SM, CX-49G, 16MHZ; Frequency, output:16000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes CRYSTAL, SM, CX-49G, 12MHZ; Frequency, output:12000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes
|
DATA DELAY DEVICES INC Electronic Theatre Controls, Inc.
|
MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2 |
Communications Clock PLLs CAPACITOR, 1000UF 450V CAPACITOR, 1000UF 450V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:450V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:B43456; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-25(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
http:// ICST[Integrated Circuit Systems]
|
|